Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP2303 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2303
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2303 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2303 Datasheet HTML 5Page - Analog Devices ADP2303 Datasheet HTML 6Page - Analog Devices ADP2303 Datasheet HTML 7Page - Analog Devices ADP2303 Datasheet HTML 8Page - Analog Devices ADP2303 Datasheet HTML 9Page - Analog Devices ADP2303 Datasheet HTML 10Page - Analog Devices ADP2303 Datasheet HTML 11Page - Analog Devices ADP2303 Datasheet HTML 12Page - Analog Devices ADP2303 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 9 of 28
205
210
215
220
225
230
235
240
245
250
255
260
265
270
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
Figure 22. Minimum Off Time vs. Temperature
60
70
80
90
100
110
120
130
140
150
160
170
180
VGS = 3V
VGS = 4V
VGS = 5V
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
Figure 23. MOSFET RDSON vs. Temperature (Pin-to-Pin Measurement)
CH1 5.00mV
B
W
CH2 5.00V
M1.00µs
A CH2
7.50V
1
4
2
T 30.00%
VOUT (AC)
IL
SW
CH4 2.00A
Ω
Figure 24. Discontinuous Conduction Mode (DCM), VOUT = 3.3 V, VIN = 12 V
100
105
110
115
120
125
130
135
140
145
150
TEMPERATURE (°C)
–40
–20
0
20
406080
100
120
Figure 25. Minimum On Time vs. Temperature
CH1 5.00mV
B
W
CH2 5.00V
CH4 2.00A
Ω
M1.00µs
A CH2
7.50V
1
4
2
T 30.00%
VOUT (AC)
IL
SW
Figure 26. Continuous Conduction Mode (CCM), VOUT = 3.3 V, VIN = 12 V
CH1 50.00mV
B
W
CH2 5.00V
CH4 2.00A
Ω
M200µs
A CH2
7.50V
1
4
2
T 30.00%
VOUT (AC)
IL
SW
Figure 27. Power Saving Mode, VOUT = 3.3 V, VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com