Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRR2852LSX Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VRR2852LSX
Description  CMOS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRR2852LSX Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VRR2852LSX Datasheet HTML 20Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 21Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 22Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 23Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 24Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 25Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 26Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 27Page - List of Unclassifed Manufacturers VRR2852LSX Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AnaSem Inc.
23
Rev. C09-08
VRR 系列
高速度
, 低压差, ±1% 高输出精度 配ON/OFF开关电路CMOS稳压器
.......... Future of the analog world
一般特征
– EN开关上升时间 (IOUT=30mA)
VRR1202xxx (VOUT=1.2V)
VRR1802xxx (VOUT=1.8V)
VRR2801xxx (VOUT=2.8V)
VRR3001xxx (VOUT=3.0V)
VRR3301xxx (VOUT=3.3V)
4
3
-1
-3
-2
2
1
Time (40µs/div)
0
5
7
6
2
0
1
5
4
3
8
4
3
-1
-3
-2
2
1
Time (40µs/div)
0
5
7
6
2
0
1
5
4
3
8
3
-1
-3
-2
2
1
0
6
5
2
0
1
4
3
Time (40µs/div)
4
3
-1
-2
2
1
Time (40µs/div)
0
6
7
6
2
0
1
5
4
3
-3
5
8
9
4
3
-1
-3
-2
2
1
Time (40µs/div)
0
5
7
6
2
0
1
5
4
3
8
EN Input Voltage
Output Voltage
EN Input Voltage
Output Voltage
Output Voltage
EN Input Voltage
Output Voltage
EN Input Voltage
Output Voltage
EN Input Voltage
VIN=VOUT+1.0V
Tr=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=VOUT+1.0V
Tr=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=VOUT+1.0V
Tr=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=VOUT+1.0V
Tr=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=VOUT+1.0V
Tr=5µs, Ta=25°C, CIN=CL=1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com