Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT2240P Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2240P
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240P Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2240P Datasheet HTML 1Page - Princeton Technology Corp PT2240P Datasheet HTML 2Page - Princeton Technology Corp PT2240P Datasheet HTML 3Page - Princeton Technology Corp PT2240P Datasheet HTML 4Page - Princeton Technology Corp PT2240P Datasheet HTML 5Page - Princeton Technology Corp PT2240P Datasheet HTML 6Page - Princeton Technology Corp PT2240P Datasheet HTML 7Page - Princeton Technology Corp PT2240P Datasheet HTML 8Page - Princeton Technology Corp PT2240P Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 3 -
March, 2006
Programmable Encoder IC
PT2240
APPLICATION CIRCUIT
16 PINS, 8 DATA
VSS
S1
VPG
S0
D3
VDD
DOUT
D5
D1/CODE
D4
D7
OSC
D2
D6
D0/CLK
PT2240-16
PGM *2
RF
ROSC
+
-
12V
*1
8 PINS, 2 DATA
VSS
VPG
PGM*2
VDD
DOUT
OSC
D1/CODE D0/CLK
PT2240
+
-
ROSC
RF
12V
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com