Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT2579-SN Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT2579-SN
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579-SN Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT2579-SN Datasheet HTML 13Page - Princeton Technology Corp PT2579-SN Datasheet HTML 14Page - Princeton Technology Corp PT2579-SN Datasheet HTML 15Page - Princeton Technology Corp PT2579-SN Datasheet HTML 16Page - Princeton Technology Corp PT2579-SN Datasheet HTML 17Page - Princeton Technology Corp PT2579-SN Datasheet HTML 18Page - Princeton Technology Corp PT2579-SN Datasheet HTML 19Page - Princeton Technology Corp PT2579-SN Datasheet HTML 20Page - Princeton Technology Corp PT2579-SN Datasheet HTML 21Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 21 -
May, 2008
RDS Demodulator IC
PT2579
Notes:
1.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
2.
Dimensions in inches (angles in degrees)
3.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or
gate burrs shall not exceed 0.006” per end. Dimension E1 does not include interlead flash or
protrusions. Interlead flash or protrusions shall not exceed “0.006” per side. D1 and E1
dimensions are determined at dutum H.
4.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined
at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and
interlead flash, but including any mismatch between the top and bottom of the plastic.
5.
Datums A and B to be determined at datum H.
6.
N is the maximum number of terminal position. (N=16)
7.
The dimensions apply to the flat section of the lead between 0.004 to 0.010 inches from the lead
tip.
8.
Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.004”
total in excess of b dimension at maximum material condition. The dambar can not be located on
the lower radius of the foot.
9.
Refer to JEDEC MO-137 variation AB.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com