Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMM5221B Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # ZMM5221B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

ZMM5221B Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  ZMM5221B Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM5221B Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM5221B Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
ZMM5221B-ZMM5267B
0
50
100
150
200
0
510
15
20
25
V , ZENER VOLTAGE (V)
Fig. 2 Junction Capacitance vs Zener Voltage
Z
V = 2.0V
R
T = 25 C
j
°
1
10
100
1000
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Fig. 3 Differential Zener Impedance
Z
I = 1.0mA
Z
5.0mA
10mA
T = 25 C
j
°
1.0
10
100
1000
0.1
1.0
10
100
t , SQUARE WAVE PULSE DURATION (seconds)
Fig.4 Typical Normalized Transient Thermal Impedance Curves
1
1000
D=0.5
0.2
0.1
0.05
0.02
0.01
t1
t2
P(pk)
T - T = P
R (t)
Duty Cycle,D=t /t
J
A
PK
JA
12
* θ
R
(t) = r(t) R
R
= 300 K/W
JA
JA
* θ
θ
θJA
0
100
200
300
400
500
0
40
80
120
160
200
T , AMBIENT TEMPERATURE
Fig.1 Power Dissipation vs Ambient Temperature
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com