Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR102 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SR102
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SR102 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SR102 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SR102 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR102 THRU SR108
Pluse Width=300uS
j
T =25 ° C
f=1MHz
V sig =50mV
FIG.1-TYPICAL FORWARD CURRENT
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
REVERSE VOLTAGE,(V)
LEAD TEMPERATURE, ( ° C)
10
0.1
10
100
SR105-SR108
1.0
SR102-SR104
10
0.2
1000
0.6
0.01
0.4
0.6
0.8
1.0
0.1
1.0
1%Duty Cycle
T =25 ° C
j
SR105-108
25
20
0.2
0
0
SR102-104
50
75
100
125
Single Phase
0.375"(9.5mm) Lead Length
Inductive or Resistive
0.4
0.8
0.6
1.2
1.0
Load
Half Wave 60Hz
DERATING CURVE
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
T =25 ° C
1.2
1.4
0.001
0
20
0.01
T =75 ° C
0.1
j
T =125 ° C
1.0
j
80
60
40
j
100
120
140
SR105-SR108
SR102-SR104
FORWARD SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
150
175
10
0
1
1 Cycle
2
4
20
40
60
70
8
6
10
20
60
40
100
T
(JEDEC Method)
=T
j
j max
8.3ms Single Half Sine-Wave
80
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com