Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2M121ANDD Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 40Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 41Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 42Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 43Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 44Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 45Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 46Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 47Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
C - 1
R8C/M11A Group, R8C/M12A Group Datasheet
Rev.
Date
Description
Page
Summary
0.01
Jan 14, 2010
—
First Edition issued
0.10
Aug 25, 2010
—
Document No. “REJ03B0308”
→ “R01DS0010EJ”
2, 3
1.1.2 Differences between Groups added
4
Table 1.3 “Reset by voltage detection 0” deleted
5
Table 1.4 “... ROM: VCC = 2.7 V to 5.5 V”
→ “... ROM: VCC = 1.8 V to 5.5 V”,
“1,000 times (program ROM)”
→ “10,000 times (program ROM)”,
Note 1 added
6
Table 1.5 revised
8
Figures 1.3 and 1.4 revised
9
Table 1.6 revised
11 to 43
2. Central Processing Unit (CPU), 3. Address Space, 4. Electrical Characteristics
added
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com