Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2M122ANDD Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F2M122ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M122ANDD Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F2M122ANDD Datasheet HTML 37Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 38Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 39Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 40Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 41Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 42Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 43Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 44Page - Renesas Technology Corp R5F2M122ANDD Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 41 of 45
Aug 25, 2010
Notes:
1. Vcc = 1.8 V to 2.7 V, single-chip mode, output pins are open, and other pins are connected to Vss.
2. When the XIN input is a square wave.
3. Vcc = 2.2 V
4. Set the system clock to 5 MHz or 4 MHz with the PHISEL register.
Table 4.26
DC Characteristics (6) [1.8 V
≤ Vcc < 2.7 V]
(Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise
specified)
Symbol
Parameter
Condition
Unit
Oscillation
Circuit
On-Chip Oscillator
CPU
Clock
Low-Power-
Consumption
Setting
Other
Standard
XIN (2)
High-
Speed
Low-
Speed
Min.
Typ. (3)
Max.
ICC
Power
supply
current (1)
High-speed
clock mode
5 MHz
Off
125 kHz
No
division
——
1.0
—
mA
5 MHz
Off
125 kHz
Division
by 8
——
0.6
—
mA
High-speed
on-chip
oscillator
mode
Off
5 MHz (4)
125 kHz
No
division
—1.6
6.5
mA
Off
5 MHz (4)
125 kHz
Division
by 8
—1.1
—
mA
Off
4 MHz (4)
125 kHz
Division
by 16
MSTTRC = 1
—
1.0
—
mA
Low-speed
on-chip
oscillator
mode
Off
Off
125 kHz
Division
by 8
FMR27 = 1
LPE = 0
—60
200
µA
Wait mode
Off
Off
125 kHz
—
VC1E = 0
VC0E = 0
LPE = 1
Peripheral
clock supplied
during WAIT
instruction
execution
—15
90
µA
Off
Off
125 kHz
—
VC1E = 0
VC0E = 0
LPE = 1
WCKSTP = 1
Peripheral
clock stopped
during WAIT
instruction
execution
—4.0
80
µA
Stop mode
Off
Off
Off
—
VC1E = 0
VC0E = 0
STPM = 1
Topr = 25
°C
Peripheral
clock stopped
—1.0
4.0
µA
Off
Off
Off
—
VC1E = 0
VC0E = 0
STPM = 1
Topr = 85
°C
Peripheral
clock stopped
—1.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com