Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2M121ADSP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F2M121ADSP
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ADSP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F2M121ADSP Datasheet HTML 30Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 31Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 32Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 33Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 34Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 35Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 36Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 37Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 34 of 45
Aug 25, 2010
Timing Requirements (Vcc = 5 V, Vss = 0 V at Topr = 25
°C, unless otherwise specified)
Figure 4.4
XIN Input Timing When Vcc = 5 V
Figure 4.5
TRJIO Input Timing When Vcc = 5 V
Table 4.15
XIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
50
—
ns
tWH(XIN)
XIN input high width
24
—
ns
tWL(XIN)
XIN input low width
24
—
ns
Table 4.16
TRJIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRJIO)
TRJIO input cycle time
100
—
ns
tWH(TRJIO)
TRJIO input high width
40
—
ns
tWL(TRJIO)
TRJIO input low width
40
—
ns
Vcc = 5 V
XIN input
tWH(XIN)
tC(XIN)
tWL(XIN)
Vcc = 5 V
TRJIO input
tWH(TRJIO)
tC(TRJIO)
tWL(TRJIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com