Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJK0852DPB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0852DPB
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0852DPB Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0852DPB Datasheet HTML 1Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 2Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 3Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 4Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 5Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 6Page - Renesas Technology Corp RJK0852DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0852DPB
Preliminary
R07DS0080EJ0102 Rev.1.02
Page 2 of 6
Jul 30, 2010
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
80
—
—
V
ID = 10 mA, VGS = 0 V
Gate to source leak current
IGSS
—
—
0.1
A
VGS = 20 V, VDS = 0 V
Zero gate voltage drain current
IDSS
—
—
1
A
VDS = 80 V, VGS = 0 V
Gate to source cutoff voltage
VGS(off)
1.2
—
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
—
9
12
m
ID = 15 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
10
14
m
ID = 15 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
—
50
—
S
ID = 15 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
4150
—
pF
Output capacitance
Coss
—
417
—
pF
Reverse transfer capacitance
Crss
—
164
—
pF
VDS = 10 V, VGS = 0 V,
f = 1 MHz
Gate Resistance
Rg
—
0.4
—
Total gate charge
Qg
—
28
—
nC
Gate to source charge
Qgs
—
13
—
nC
Gate to drain charge
Qgd
—
7.6
—
nC
VDD = 25 V, VGS = 4.5 V,
ID = 30 A
Turn-on delay time
td(on)
—
11
—
ns
Rise time
tr
—
5.4
—
ns
Turn-off delay time
td(off)
—
56
—
ns
Fall time
tf
—
8.2
—
ns
VGS = 10 V, ID = 15 A,
VDD  30 V, RL = 2 ,
Rg = 4.7
Body–drain diode forward voltage
VDF
—
0.83
1.1
V
IF = 30 A, VGS = 0 V
Note4
Body–drain diode reverse recovery
time
trr
—
38
—
ns
IF = 30 A, VGS = 0 V
diF/ dt = 100 A/ s
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com