Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA102T-E/ML Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC24FJ64GA102T-E/ML
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA102T-E/ML Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC24FJ64GA102T-E/ML Datasheet HTML 65Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 66Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 67Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 68Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 69Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 70Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 71Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 72Page - Microchip Technology PIC24FJ64GA102T-E/ML Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 69
PIC24FJ64GA104 FAMILY
REGISTER 7-1:
SR: ALU STATUS REGISTER (IN CPU)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R-0
—
—
—
—
—
—
—DC(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
IPL2(2,3)
IPL1(2,3)
IPL0(2,3)
RA(1)
N(1)
OV(1)
Z(1)
C(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
IPL<2:0>: CPU Interrupt Priority Level Status bits(2,3)
111
= CPU interrupt priority level is 7 (15). User interrupts are disabled.
110
= CPU interrupt priority level is 6 (14)
101
= CPU interrupt priority level is 5 (13)
100
= CPU interrupt priority level is 4 (12)
011
= CPU interrupt priority level is 3 (11)
010
= CPU interrupt priority level is 2 (10)
001
= CPU interrupt priority level is 1 (9)
000
= CPU interrupt priority level is 0 (8)
Note 1:
See Register 3-1 for the description of the remaining bit(s) that are not dedicated to interrupt control
functions.
2:
The IPL bits are concatenated with the IPL3 bit (CORCON<3>) to form the CPU interrupt priority level.
The value in parentheses indicates the interrupt priority level if IPL3 = 1.
3:
The IPL Status bits are read-only when NSTDIS (INTCON1<15>) = 1.
REGISTER 7-2:
CORCON: CPU CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
R/C-0
R/W-0
U-0
U-0
—
—
—
—IPL3(2)
PSV(1)
—
—
bit 7
bit 0
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 3
IPL3: CPU Interrupt Priority Level Status bit(2)
1
= CPU interrupt priority level is greater than 7
0
= CPU interrupt priority level is 7 or less
Note 1:
See Register 3-2 for the description of the remaining bit(s) that are not dedicated to interrupt control
functions.
2:
The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com