Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6401R-E/SL Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6401R-E/SL
Description  1 MHz, 45 關A Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401R-E/SL Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6401R-E/SL Datasheet HTML 16Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 17Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 18Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 19Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 20Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 21Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 22Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 23Page - Microchip Technology MCP6401R-E/SL Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP6401/1R/1U/2/4
DS22229B-page 20
© 2010 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead TSSOP (
MCP6404)
Example:
14-Lead SOIC (150 mil) (
MCP6404)
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
XXXXXXXXXX
MCP6404
1025256
6404E/ST
1025
256
E/SL^^
3
e
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com