Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2331T-E/SP Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC18F2331T-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331T-E/SP Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC18F2331T-E/SP Datasheet HTML 90Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 91Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 92Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 93Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 94Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 95Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 96Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 97Page - Microchip Technology PIC18F2331T-E/SP Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 94
 2010 Microchip Technology Inc.
EXAMPLE 8-3:
WRITING TO FLASH PROGRAM MEMORY (CONTINUED)
8.5.2
WRITE VERIFY
Depending on the application, good programming
practice may dictate that the value written to the
memory should be verified against the original value.
This should be used in applications where excessive
writes can stress bits near the specification limit.
8.5.3
UNEXPECTED TERMINATION OF
WRITE OPERATION
If a write is terminated by an unplanned event, such as
loss of power or an unexpected Reset, the memory
location just programmed should be verified and
reprogrammed if needed. The WRERR bit is set when
a write operation is interrupted by a MCLR Reset, or a
WDT Time-out Reset during normal operation. In these
situations, users can check the WRERR bit and rewrite
the location.
8.6
Flash Program Operation During
Code Protection
See Section 23.5 “Program Verification and Code
Protection”
for details on code protection of Flash
program memory.
TABLE 8-2:
REGISTERS ASSOCIATED WITH PROGRAM FLASH MEMORY
PROGRAM_MEMORY
BCF
INTCON, GIE
; disable interrupts
MOVLW
55h
; required sequence
MOVWF
EECON2
; write 55h
MOVLW
0AAh
MOVWF
EECON2
; write 0AAh
BSF
EECON1, WR
; start program (CPU stall)
NOP
BSF
INTCON, GIE
; re-enable interrupts
DECFSZ
COUNTER_HI
; loop until done
GOTO
PROGRAM_LOOP
BCF
EECON1, WREN
; disable write to memory
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
TBLPTRU
—
—bit 21(1) Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
54
TBPLTRH Program Memory Table Pointer High Byte (TBLPTR<15:8>)
54
TBLPTRL Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
54
TABLAT
Program Memory Table Latch
54
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
EECON2 EEPROM Control Register 2 (not a physical register)
56
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
56
IPR2
OSCFIP
—
—
EEIP
—LVDIP
—
CCP2IP
57
PIR2
OSCFIF
—
—
EEIF
—LVDIF
—
CCP2IF
57
PIE2
OSCFIE
—
—
EEIE
—LVDIE
—
CCP2IE
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com