Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 156Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 157Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 158Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 159Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 160Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 161Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 162Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 163Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 160
 2010 Microchip Technology Inc.
REGISTER 17-5:
SSPMSK: SSP MASK REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
MSK<7:1>: Mask bits
1
= The received address bit n is compared to SSPADD<n> to detect I2C address match
0
= The received address bit n is not used to detect I2C address match
bit 0
MSK<0>: Mask bit for I2C Slave Mode, 10-bit Address
I2C Slave mode, 10-bit Address (SSPM<3:0> = 0111):
1
= The received address bit ‘0’ is compared to SSPADD<0> to detect I2C address match
0
= The received address bit ‘0’ is not used to detect I2C address match
All other SSP modes: this bit has no effect.
REGISTER 17-6:
SSPADD: SSP I2C ADDRESS REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ADD<7:0>: Address bits
Received address
TABLE 17-3:
REGISTERS ASSOCIATED WITH I2C OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
TMR0IE
INTE
RABIE
TMR0IF
INTF
RABIF
0000 000x
0000 000x
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
SSPADD
ADD<7:0>
0000 0000
0000 0000
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
SSPMSK(2)
MSK<7:0>
1111 1111
1111 1111
SSPSTAT
SMP(1)
CKE(1)
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by SSP module in
I2C mode.
Note
1:
Maintain these bits clear in I2C mode.
2:
Accessible only when SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com