Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 159Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 160Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 161Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 162Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 163Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 164Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 165Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 166Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 163
PIC16F/LF720/721
18.5
Writing to Flash Program Memory
A word of the Flash program memory may only be
written to if the word is in an unprotected segment of
memory.
Flash program memory may only be written to if the
destination address is in a segment of memory that is
not write-protected, as defined in bits WRT<1:0> of the
Configuration Word Register 2. Flash program memory
must be written in 32-word rows. See Figure 18-2 for
more details. A row consists of 32 words with sequen-
tial addresses, with a lower boundary defined by an
address, where PMADR<4:0>= 00000. All row writes to
program memory are done as 32-word erase and one
to 32-word write operations. The write operation is
edge-aligned. Crossing boundaries is not recom-
mended, as the operation will only affect the new
boundary, wrapping the data values at the same time.
Once the write control bit is set, the Program Memory
(PM) controller will immediately write the data. Program
execution is stalled while the write is in progress.
To erase a program memory row, the address of the
row
to
erase
must
be
loaded
into
the
PMADRH:PMADRL register pair. A row consists of 32
words so, when selecting a row, PMADR<4:0> are
ignored. After the Address has been set up, then the
following sequence of events must be executed:
1.
Set the WREN and FREE control bits of the
PMCON1 register.
2.
Write 55h, then AAh, to PMCON2 (Flash
programming sequence).
3.
Set the WR control bit of the PMCON1 register.
To write program data, it must first be loaded into the
buffer latches (see Figure 18-2). This is accomplished
by first writing the destination address to PMADRL and
PMADRH and then writing the data to PMDATA and
PMDATH. After the address and data have been set
up, then the following sequence of events must be exe-
cuted:
1.
Set the WREN control bit of the PMCON1
register.
2.
Write 55h, then AAh, to PMCON2 (Flash
programming sequence).
3.
Set the WR control bit of the PMCON1 register.
All 32 buffer register locations should be written to with
correct data. If less than 32 words are being written to
in the block of 32 words, then a read from the program
memory location(s) not being written to must be
performed. This takes the data from the program
location(s) not being written and loads it into the
PMDATL and PMDATH registers. Then, the sequence
of events to transfer data to the buffer registers must be
executed.
When the LWLO bit is ‘1’, the write sequence will only
load the buffer register and will not actually initiate the
write to program Flash:
1.
Set the WREN and LWLO bits of the PMCON1
register.
2.
Write 55h, then AAh, to PMCON2 (Flash
programming unlock sequence).
3.
Set control bit WR of the PMCON1 register to
begin the write operation.
To transfer data from the buffer registers to the program
memory, the last word to be written should be written to
the
PMDATH:PMDATL
register
pair.
Then,
the
following sequence of events must be executed:
1.
Clear the LWLO bit of the PMCON1 Register.
2.
Write 55h, then AAh, to PMCON2 (Flash
programming sequence).
3.
Set control bit WR of the PMCON1 register to
begin the write operation.
4.
Two NOP must follow the setting of the WR bit.
This is necessary to provide time for the address and to
be provided to the program Flash memory to be put in
the write latches.
No automatic erase occurs upon the initiation of the
write; if the program Flash needs to be erased before
writing, the row (32 words) must be previously erased.
After the “BSF PMCON1, WR” instruction, the processor
requires two cycles to set up the erase/write operation.
The user must place two NOP instructions after the WR
bit is set. These two instructions will also be forced in
hardware to NOP, but if an ICD break occurs at this
point, the forcing to NOP will be lost.
Note:
Self-write execution to Flash memory can-
not be done while running in low power
PFM and Voltage Regulator modes.
Therefore, executing a self-write will put
the PFM and voltage regulator into High
Power mode for the duration of the
sequence.
Note:
An ICD break that occurs during the 55h -
AAh - Set WR bit sequence will interrupt
the timing of the sequence and prevent
the unlock sequence from occurring. In
this case, no write will be initiated, as
there was no operation to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com