Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-E/ML Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 46Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 47Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 48Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 49Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 50Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 51Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 52Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 53Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 50
 2010 Microchip Technology Inc.
6.1.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the A/D Converter (ADC), refer to the
appropriate section in this data sheet.
6.1.4.1
RA0/AN0/ICSPDAT
Figure 6-1 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• ICSP programming data (separate controls from
TRISA)
• ICD Debugging data (separate controls from
TRISA)
6.1.4.2
RA1/AN1/ICSPCLK
Figure 6-2 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• ICSP programming clock (separate controls from
TRISA)
• ICD Debugging clock (separate controls from
TRISA)
6.1.4.3
RA2/AN2/T0CKI/INT
Figure 6-3 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• external interrupt
• clock input for Timer0
The Timer0 clock input function works independently of
any TRIS register setting. Effectively, if TRISA2 = 0,
the PORTA2 register bit will output to the pad and Clock
Timer0 at the same time.
6.1.4.4
RA3/MCLR/VPP
Figure 6-4 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• Master Clear Reset with weak pull-up
6.1.4.5
RA4/AN3/T1G/CLKOUT
Figure 6-5 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• analog input for the ADC
• Timer1 gate input
• clock output
6.1.4.6
RA5/T1CKI/CLKIN
Figure 6-6 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• Timer1 Clock input
• clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com