Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 197Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 198Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 199Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 200Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 201Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 202Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 203Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 204Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 201
PIC16F/LF720/721
TABLE 23-4:
RESET, WATCHDOG TIME, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET PARAMETERS
FIGURE 23-9:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
30*
TMCLMCLR Pulse Width (low)
2
5
—
—
—
—
s
s
VDD = 5V, -40°C to +85°C
VDD = 5V(1)
31
TWDT
Standard Watchdog Timer Time-out
Period (No Prescaler)(2)
10
10
18
18
27
33
ms
ms
VDD = 3.3V-5V, -40°C to +85°C
VDD = 3.3V-5V(1)
33*
TPWRT
Power-up Timer Period, PWRTE = 0
40
65
140
ms
34*
TIOZ
I/O high-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage
1.80
1.9
2.1
V
36*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
37*
TBORDC Brown-out Reset DC Response
Time
13
5
10
sVDD  VBOR, -40°C to +85°C
VDD
 VBOR
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Voltages above 3.6V require that the regulator be enabled.
2:
Design Target. If unable to meet this target, the maximum can be increased, but the minimum cannot be
changed.
T0CKI
T1CKI
40
41
42
45
46
47
49
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com