Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 200Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 201Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 202Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 203Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 204Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 205Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 206Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 207Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 204
 2010 Microchip Technology Inc.
FIGURE 23-11:
PIC16F720/721 A/D CONVERSION TIMING (NORMAL MODE)
TABLE 23-8:
PIC16F720/721 A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C £ TA £ +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
AD130* TAD
A/D Clock Period
1.0
—
9.0
SVDD  2.0V(2)
4.0
—
16.0
SVDD  2.0V(2)
A/D Internal RC Oscillator
Period
1.0
2.0
6.0
S
(ADRC mode)
AD131
TCNV
Conversion Time (not including
Acquisition Time)(1)
—
10.5
—
TAD
Set GO/DONE bit to new data in A/D
Result register
AD132* TACQ
Acquisition Time
2
—
SVDD = 3.0V, EC or INTOSC Clock
mode(3)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: The ADRES register may be read on the following TCY cycle.
2:
Setting of 16.0
s TAD not recommended for temperature > 85°C.
3: If ADRC mode is selected for use with VDD
2.0V, longer acquisition times will be required (see Section 9.3 “A/D Acqui-
sition Requirements” )
AD131
AD130
BSF ADCON0, GO
Q4
A/D CLK
A/D Data
ADRES
ADIF
GO
Sample
OLD_DATA
Sampling Stopped
DONE
NEW_DATA
76
5
3
2
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
1 TCY
4
AD134
(TOSC/2(1))
1 TCY
AD132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com