Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 202Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 203Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 204Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 205Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 206Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 207Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 208Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 209Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 206
 2010 Microchip Technology Inc.
FIGURE 23-14:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
FIGURE 23-15:
SPI MASTER MODE TIMING (CKE = 0, SMP = 0)
Note: Refer to Figure 23-2 for load conditions.
US125
US126
CK
DT
TABLE 23-10: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US125* TDTV2CKL SYNC RCV (Master and Slave)
Data-hold before CK
 (DT hold time)
10
—
ns
US126* TCKL2DTL
Data-hold after CK
 (DT hold time)
15
—
ns
*
These parameters are characterized but not tested.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
SP70
SP71
SP72
SP73
SP74
SP75, SP76
SP78
SP79
SP80
SP79
SP78
MSb
LSb
bit 6 - - - - - -1
MSb In
LSb In
bit 6 - - - -1
Note 1:
Refer to Figure 23-2 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com