Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 209Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 210Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 211Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 212Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 213Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 214Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 215Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 216Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 213
PIC16F/LF720/721
24.0
DC AND AC CHARACTERISTICS GRAPHS AND CHARTS
FIGURE 24-1:
PIC16F720/721 MAXIMUM IDD vs. FOSC OVER VDD, INTOSC MODE
FIGURE 24-2:
PIC16LF720/721 MAXIMUM IDD vs. FOSC OVER VDD, INTOSC MODE
110
120
130
140
150
160
170
180
190
200
210
62.5 kHz
125 kHz
250 kHz
500 kHz
5V
3.6V
1.8V
2.5V
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
FOSC
1.8V
2.5V
3V
3.6V
100
110
120
130
140
150
160
170
62.5 KHz
125 KHz
250 KHz
500 KHz
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com