Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 212Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 213Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 214Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 215Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 216Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 217Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 218Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 219Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 216
 2010 Microchip Technology Inc.
FIGURE 24-7:
PIC16F720/721 TYPICAL IDD vs. FOSC OVER VDD, INTOSC MODE
FIGURE 24-8:
PIC16LF720/721 TYPICAL IDD vs. FOSC OVER VDD, INTOSC MODE
1.8V
2.5V
3.6V
5V
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
2 MHz
4 MHz
8 MHz
16 MHz
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
FOSC
3.6V
1.8V
2.5V
3V
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
2 MHz
4 MHz
8 MHz
16 MHz
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com