Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2331T-E/ML Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC18F2331T-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2331T-E/ML Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC18F2331T-E/ML Datasheet HTML 67Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 68Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 69Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 70Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 71Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 72Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 73Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 74Page - Microchip Technology PIC18F2331T-E/ML Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 71
PIC18F2331/2431/4331/4431
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0000 q000
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
WDTCON
WDTW
—
—
—
—
—
—SWDTEN
0--- ---0
RCON
IPEN
—
—RI
TO
PD
POR
BOR
0--1 11q0
TMR1H
Timer1 Register High Byte
xxxx xxxx
TMR1L
Timer1 Register Low Byte
xxxx xxxx
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
TMR2
Timer2 Register
0000 0000
PR2
Timer2 Period Register
1111 1111
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
SSPADD
SSP Address Register in I2C™ Slave mode. SSP Baud Rate Reload Register in I2C Master mode.
0000 0000
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
ADRESH
A/D Result Register High Byte
xxxx xxxx
ADRESL
A/D Result Register Low Byte
xxxx xxxx
ADCON0
—
—
ACONV
ACSCH
ACMOD1
ACMOD0
GO/DONE
ADON
--00 0000
ADCON1
VCFG1
VCFG0
—
FIFOEN
BFEMT
BFOVFL
ADPNT1
ADPNT0
00-0 0000
ADCON2
ADFM
ACQT3
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0000 0000
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
00-0 0000
ADCHS
GDSEL1
GDSEL0
GBSEL1
GBSEL0
GCSEL1
GCSEL0
GASEL1
GASEL0
0000 0000
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
CCPR2H
Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
xxxx xxxx
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
ANSEL1
—
—
—
—
—
—
—ANS8(4)
---- ---1
ANSEL0
ANS7(4)
ANS6(4)
ANS5(4)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
T5CON
T5SEN
RESEN(4)
T5MOD
T5PS1
T5PS0
T5SYNC
TMR5CS
TMR5ON
0000 0000
QEICON
VELM
QERR
UP/DOWN
QEIM2
QEIM1
QEIM0
PDEC1
PDEC0
0000 0000
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
RCREG
EUSART Receive Register
0000 0000
TXREG
EUSART Transmit Register
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000X
BAUDCON
—
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
-1-1 0-00
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented.
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator modes only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
These registers and/or bits are not implemented on the PIC18F2331/2431 devices and read as ‘0’.
5:
The RE3 port bit is only available for PIC18F4331/4431 devices when the MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’; otherwise, RE3
reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com