Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-E/SS Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16LF720-E/SS
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/SS Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16LF720-E/SS Datasheet HTML 6Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 7Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 8Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 9Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 10Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 11Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 12Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 13Page - Microchip Technology PIC16LF720-E/SS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 10
 2010 Microchip Technology Inc.
FIGURE 1-1:
20-PIN DEVICE BLOCK DIAGRAM FOR PIC16F720/721
Flash
Program
Memory
8K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
CLKIN
CLKOUT
MCLR VDD
PORTA
PORTB
PORTC
RA4
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
8
8
Brown-out
Reset
AUSART
Timer0
Timer1
Timer2
RA3
RA1
RA0
8
3
Analog-To-Digital Converter
RB6
RB7
VSS
T0CKI
T1G
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SDI/ SCK/
TX/CK RX/DT
Internal
Oscillator
Block
Configuration
Flash
Program
Memory
8K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
MCLR VDD
PORTB
PORTC
RC1
8
8
Brown-out
Reset
AUSART
Timer0
Timer1
Timer2
8
3
VSS
T0CKI
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SCK/
Internal
Oscillator
Block
Configuration
Flash
Program
Memory
4K x 14
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
256 x 8
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode &
Control
Timing
Generation
MCLR VDD
PORTB
PORTC
RA5
8
8
Timer0
Timer1
Timer2
RA2
8
3
RB4
RB5
VSS
T0CKI
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SCK/
Internal
Oscillator
Block
Configuration
(PIC16F720
2K x 14
(PIC16F720
128 x 8)
CCP1
CCP1
AN9
AN0 AN1 AN2 AN3 AN4
AN8
AN10 AN11
LDO
Regulator
AUSART
ICSPCLK
ICSPDAT
ICSP™
AN6
AN5
AN7
PMDATL
EEADDR
Self read/
write Flash
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com