Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 272Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 273Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 274Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 275Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 276Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 277Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 278Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 279Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 276
 2010 Microchip Technology Inc.
TABLE 28-11: COMPARATOR SPECIFICATIONS
TABLE 28-12: COMPARATOR VOLTAGE REFERENCE SPECIFICATIONS
TABLE 28-13: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
Operating Conditions: 2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage*
—
20
40
mV
D301
VICM
Input Common Mode Voltage*
0
—
VDD
V
D302
CMRR
Common Mode Rejection
Ratio*
55
—
—
dB
300
TRESP
Response Time*(1)
—
150
400
ns
301
TMC2OV
Comparator Mode Change to
Output Valid*
——
10
s
* Parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions from
VSS to VDD.
Operating Conditions: 2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VRD310 CVRES
Resolution
VDD/24
—
VDD/32
LSb
VRD311 CVRAA
Absolute Accuracy
—
—
AVDD – 1.5
LSb
VRD312 CVRUR
Unit Resistor Value (R)
—
2k
—
VR310
TSET
Settling Time(1)
——
10
s
Note 1:
Settling time measured while CVRR = 1 and CVR<3:0> bits transition from ‘0000’ to ‘1111’.
Operating Conditions: -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max Units
Comments
VBG
Band Gap Reference Voltage
1.14
1.2
1.26
V
TBG
Band Gap Reference Start-up
Time
—1
—
ms
VRGOUT
Regulator Output Voltage
2.35
2.5
2.75
V
CEFC
External Filter Capacitor Value
4.7
10
—
F
Series resistance < 3 Ohm
recommended;
< 5 Ohm required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com