Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 268Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 269Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 270Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 271Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 272Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 273Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 274Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 275Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 272
 2010 Microchip Technology Inc.
TABLE 28-7:
DC CHARACTERISTICS: POWER-DOWN PERIPHERAL
MODULE
CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
 Power-Down Current (IPD): PMD Bits are Set, PMSLP Bit is ‘0’(2)
DC61
0.2
0.7
A-40°C
2.0V(3)
31 kHz LPRC Oscillator with
RTCC, WDT, DSWDT or
Timer 1:
ILPRC(5)
DC61a
0.2
0.7
A+25°C
DC61i
0.2
0.7
A+60°C
DC61b
0.23
0.7
A+85°C
DC61m
0.3
1.0
A
+125°C
DC61c
0.25
0.9
A-40°C
2.5V(3)
DC61d
0.25
0.9
A+25°C
DC61j
0.25
0.9
A+60°C
DC61e
0.28
0.9
A+85°C
DC61p
0.5
1.2
A
+125°C
DC61f
0.6
1.5
A-40°C
3.3V(4)
DC61g
0.6
1.5
A+25°C
DC61k
0.6
1.5
A+60°C
DC61h
0.8
1.5
A+85°C
DC61n
1.0
1.7
A
+125°C
DC62
0.5
1.0
A-40°C
2.0V(3)
Low drive strength, 32 kHz Crystal
with RTCC, DSWDT or
Timer1:
ISOSC;
SOSCSEL = 01
DC62a
0.5
1.0
A+25°C
DC62i
0.5
1.0
A+60°C
DC62b
0.5
1.3
A+85°C
DC62m
0.6
1.6
A
+125°C
DC62c
0.7
1.5
A-40°C
2.5V(3)
DC62d
0.7
1.5
A+25°C
DC62j
0.7
1.5
A+60°C
DC62e
0.7
1.8
A+85°C
DC62n
0.8
2.1
A
+125°C
DC62f
1.5
2.0
A-40°C
3.3V(4)
DC62g
1.5
2.0
A+25°C
DC62k
1.5
2.0
A+60°C
DC62h
1.5
2.5
A+85°C
DC62p
1.9
3.0
A
+125°C
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
Peripheral IPD deltas are measured with the device in Sleep mode (all peripherals and clocks shut down).
All I/Os are configured as inputs and pulled high. Only the peripheral or clock being measured is enabled.
PMSLP bit is clear and the Peripheral Module Disable bits (PMD) for all unused peripherals are set.
3:
On-chip voltage regulator is disabled (DISVREG is tied to VDD).
4:
On-chip voltage regulator is enabled (DISVREG is tied to VSS). Low-Voltage Detect (LVD) and Brown-out
Detect (BOD) are enabled.
5:
The
 current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com