Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 270 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 270 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 266Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 267Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 268Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 269Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 270Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 271Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 272Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 273Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 270
 2010 Microchip Technology Inc.
DC50
0.8
1.0
mA
-40°C
2.0V(3)
FRC (4 MIPS)
DC50a
0.8
1.0
mA
+25°C
DC50b
0.8
1.0
mA
+85°C
DC50c
0.9
1.1
mA
+125
°C
DC50d
1.1
1.3
mA
-40°C
3.3V(4)
DC50e
1.1
1.3
mA
+25°C
DC50f
1.1
1.3
mA
+85°C
DC50g
1.2
1.4
mA
+125
°C
DC51
2.4
8.0
A-40°C
2.0V(3)
LPRC (31 kHz)
DC51a
2.2
8.0
A+25°C
DC51b
7.2
21
A+85°C
DC51c
35
50
A+125°C
DC51d
38
55
A-40°C
3.3V(4)
DC51e
44
60
A+25°C
DC51f
70
100
A+85°C
DC51g
96
150
A+125°C
TABLE 28-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE)(2)
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
Base IIDLE current is measured with the core off, OSCI driven with external square wave from rail to rail. All I/O
pins are configured as inputs and pulled to VDD. MCLR = VDD; WDT and FSCM are disabled. No peripheral
modules are operating and all of the Peripheral Module Disable (PMD) bits are set.
3:
On-chip voltage regulator is disabled (DISVREG is tied to VDD).
4:
On-chip voltage regulator is enabled (DISVREG is tied to VSS). Low-Voltage Detect (LVD) and Brown-out Detect
(BOD) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com