Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 271 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 271 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 267Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 268Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 269Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 270Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 271Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 272Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 273Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 274Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 271
PIC24FJ64GA104 FAMILY
TABLE 28-6:
DC CHARACTERISTICS: POWER-DOWN BASE CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD)(2)
DC60
0.05
1.0
A-40°C
2.0V(3)
Base Power-Down Current(5)
DC60a
0.2
1.0
A+25°C
DC60i
2.0
6.5
A+60°C
DC60b
3.5
12
A+85°C
DC60m
29.9
50
A
+125°C
DC60c
0.1
1.0
A-40°C
2.5V(3)
DC60d
0.4
1.0
A+25°C
DC60j
2.5
15
A+60°C
DC60e
4.2
25
A+85°C
DC60n
36.2
75
A
+125°C
DC60f
3.3
9.0
A-40°C
3.3V(4)
DC60g
3.3
10
A+25°C
DC60k
5.0
20
A+60°C
DC60h
7.0
30
A+85°C
DC60p
39.2
80
A
+125°C
DC70c
0.003
0.2
A-40°C
2.5V(4)
Base Deep Sleep Current
DC70d
0.02
0.2
A+25°C
DC70j
0.2
0.35
A+60°C
DC70e
0.51
1.5
A+85°C
DC70a
6.1
12
A
+125°C
DC70f
0.01
0.3
A-40°C
3.3V(4)
DC70g
0.04
0.3
A+25°C
DC70k
0.2
0.5
A+60°C
DC70h
0.71
2.0
A+85°C
DC70b
7.2
16
A
+125°C
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
Base IPD is measured with the device in Sleep mode (all peripherals and clocks shut down). All I/Os are
configured as inputs and pulled high. WDT, etc., are all switched off, PMSLP bit is clear and the Peripheral
Module Disable (PMD) bits for all unused peripherals are set.
3:
On-chip voltage regulator is disabled (DISVREG is tied to VDD).
4:
On-chip voltage regulator is enabled (DISVREG is tied to VSS). Low-Voltage Detect (LVD) and Brown-out
Detect (BOD) are enabled.
5:
The
 current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com