Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 269 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 269 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 265Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 266Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 267Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 268Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 269Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 270Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 271Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 272Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 269
PIC24FJ64GA104 FAMILY
TABLE 28-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE)(2)
DC41
67
100
A-40°C
2.0V(3)
0.5 MIPS
DC41a
68
100
A+25°C
DC41b
74
100
A+85°C
DC41f
102
120
A+125°C
DC41c
166
265
A-40°C
3.3V(4)
DC41d
167
265
A+25°C
DC41e
177
265
A+85°C
DC41g
225
285
A+125°C
DC40
125
180
A-40°C
2.0V(3)
1 MIPS
DC40a
125
180
A+25°C
DC40b
125
180
A+85°C
DC40c
167
200
A+125°C
DC40d
210
350
A-40°C
3.3V(4)
DC40e
210
350
A+25°C
DC40f
210
350
A+85°C
DC40g
305
370
A+125°C
DC43
0.5
0.6
mA
-40°C
2.0V(3)
4 MIPS
DC43a
0.5
0.6
mA
+25°C
DC43b
0.5
0.6
mA
+85°C
DC43c
0.54
0.62
mA
+125
°C
DC43d
0.75
0.95
mA
-40°C
3.3V(4)
DC43e
0.75
0.95
mA
+25°C
DC43f
0.75
0.95
mA
+85°C
DC43g
0.8
0.97
mA
+125
°C
DC47
2.6
3.3
mA
-40°C
2.5V(3)
16 MIPS
DC47a
2.6
3.3
mA
+25°C
DC47b
2.6
3.3
mA
+85°C
DC47f
2.7
3.4
mA
+125
°C
DC47c
2.9
3.5
mA
-40°C
3.3V(4)
DC47d
2.9
3.5
mA
+25°C
DC47e
2.9
3.5
mA
+85°C
DC47g
3.0
3.6
mA
+125
°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
Base IIDLE current is measured with the core off, OSCI driven with external square wave from rail to rail. All I/O
pins are configured as inputs and pulled to VDD. MCLR = VDD; WDT and FSCM are disabled. No peripheral
modules are operating and all of the Peripheral Module Disable (PMD) bits are set.
3:
On-chip voltage regulator is disabled (DISVREG is tied to VDD).
4:
On-chip voltage regulator is enabled (DISVREG is tied to VSS). Low-Voltage Detect (LVD) and Brown-out Detect
(BOD) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com