Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 263Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 264Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 265Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 266Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 267Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 268Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 269Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 270Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 267
PIC24FJ64GA104 FAMILY
TABLE 28-4:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC21
0.24
0.395
mA
-40°C
2.0V(3)
0.5 MIPS
DC21a
0.25
0.395
mA
+25°C
DC21b
0.25
0.395
mA
+85°C
DC21f
0.3
0.395
mA
+125°C
DC21c
0.44
0.78
mA
-40°C
3.3V(4)
DC21d
0.41
0.78
mA
+25°C
DC21e
0.41
0.78
mA
+85°C
DC21g
0.6
0.78
mA
+125°C
DC20
0.5
0.75
mA
-40°C
2.0V(3)
1 MIPS
DC20a
0.5
0.75
mA
+25°C
DC20b
0.5
0.75
mA
+85°C
DC20c
0.6
0.75
mA
+125°C
DC20d
0.75
1.4
mA
-40°C
3.3V(4)
DC20e
0.75
1.4
mA
+25°C
DC20f
0.75
1.4
mA
+85°C
DC20g
1.0
1.4
mA
+125°C
DC23
2.0
3.0
mA
-40°C
2.0V(3)
4 MIPS
DC23a
2.0
3.0
mA
+25°C
DC23b
2.0
3.0
mA
+85°C
DC23c
2.4
3.0
mA
+125°C
DC23d
2.9
4.2
mA
-40°C
3.3V(4)
DC23e
2.9
4.2
mA
+25°C
DC23f
2.9
4.2
mA
+85°C
DC23g
3.5
4.2
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption. The test conditions for all IDD measurements are as follows: OSCI driven
with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VDD.
MCLR = VDD; WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating and all of the Peripheral Module Disable (PMD) bits are set.
3:
On-chip voltage regulator is disabled (DISVREG is tied to VDD).
4:
On-chip voltage regulator is enabled (DISVREG is tied to VSS). Low-Voltage Detect (LVD) and Brown-out
Detect (BOD) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com