Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 109Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 110Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 111Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 112Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 113Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 114Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 115Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 116Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 113
PIC24FJ64GA104 FAMILY
9.2.4.2
Special Cases when Entering Deep
Sleep Mode
When entering Deep Sleep mode, there are certain
circumstances that require a delay between setting the
DSEN bit and executing the PWRSAV instruction. These
can be generally reduced to three scenarios:
1.
Scenario (1): use an external wake-up source
(INT0) or the RTCC is used
2.
Scenario (2): with application-level interrupts
that can be temporarily disabled
3.
Scenario (3): with interrupts that must be
monitored
In the first scenario, the application requires a wake-up
from Deep Sleep on the assertion of the INT0 pin or the
RTCC interrupt. In this case, three NOP instructions
must be inserted to properly synchronize the detection
of an asynchronous INT0 interrupt after the device
enters Deep Sleep mode. If the application does not
use wake-up on INT0 or RTCC, the NOP instructions
are optional.
In the second scenario, the application also uses
interrupts which can be briefly ignored. With these
applications, an interrupt event during the execution of
the NOP instructions may cause an ISR to be executed.
This means that more than three instruction cycles will
elapse before returning to the code and that the DSEN
bit will be cleared. To prevent the missed entry into
Deep Sleep, temporarily disable interrupts prior to
entering Deep Sleep mode. Invoking the DISI instruc-
tion for four cycles is sufficient to prevent interrupts
from disrupting Deep Sleep entry.
In the third scenario, interrupts cannot be ignored even
briefly; constant interrupt detection is required, even
during the interval between setting DSEN and
executing the PWRSAV instruction. For these cases, it is
possible to disable interrupts and test for an interrupt
condition, skipping the PWRSAV instruction if necessary.
Testing for interrupts can be accomplished by checking
the status of the CPUIRQ bit (INTTREG<15>). If an
unserviced interrupt is pending, this bit will be set. If
CPUIRQ is set prior to executing the PWRSAV instruc-
tion, the instruction is skipped. At this point, the DISI
instruction has expired (being more than 4 instructions
from when it was executed) and the application vectors
to the appropriate ISR. When the application returns, it
can either attempt to re-enter Deep Sleep mode or per-
form some other system function. In either case, the
application must have some functional code located,
following the PWRSAV instruction, in the event that the
PWRSAV
instruction is skipped and the device does not
enter Deep Sleep mode.
Examples for implementing these cases are shown in
Example 9-2. It is recommended that an assembler, or
in-line C routine be used in these cases, to ensure that
the code executes in the number of cycles required.
EXAMPLE 9-2:
IMPLEMENTING THE
SPECIAL CASES FOR
ENTERING DEEP SLEEP
// Case 1: simplest delay scenario
//
asm("bset
DSCON, #15");
asm("nop");
asm("nop");
asm("nop");
asm("pwrsav #0");
//
// Case 2: interrupts disabled
//
asm("disi #4");
asm("bset
DSCON, #15");
asm("nop");
asm("nop");
asm("nop");
asm("pwrsav #0");
//
// Case 3: interrupts disabled with
// interrupt testing
//
asm("disi #4");
asm("bset
DSCON, #15");
asm("nop");
asm("nop");
asm("btss
INTTREG, #15");
asm("pwrsav #0");
// continue with application code here
//



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com