Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 113Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 114Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 115Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 116Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 117Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 118Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 119Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 120Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 117
PIC24FJ64GA104 FAMILY
REGISTER 9-1:
DSCON: DEEP SLEEP CONTROL REGISTER
R/W-0, HC
U-0
U-0
U-0
U-0
U-0
U-0
U-0
DSEN(1)
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0, HCS
R/C-0, HS
—
—
—
—
—
—
DSBOR(1,2,3)
RELEASE(1,2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
HC = Hardware Clearable bit
HS = Hardware Settable bit
HCS = Hardware Clearable/Settable bit
bit 15
DSEN: Deep Sleep Enable bit(1)
1
= Device enters Deep Sleep when PWRSAV #0 is executed in the next instruction
0
= Device enters normal Sleep when PWRSAV #0 is executed
bit 14-2
Unimplemented: Read as ‘0’
bit 1
DSBOR: Deep Sleep BOR Event Status bit(1,2,3)
1
= The DSBOR was active and a BOR event was detected during Deep Sleep
0
= The DSBOR was disabled or was active and did not detect a BOR event during Deep Sleep
bit 0
RELEASE: I/O Pin State Deep Sleep Release bit(1,2)
1
= I/O pins and SOSC maintain their states following exit from Deep Sleep, regardless of their LAT
and TRIS configuration
0
= I/O pins and SOSC are released from their Deep Sleep states. The pin state is controlled by the
LAT and TRIS configurations, and the SOSCEN bit.
Note 1:
These bits are reset only in the case of a POR event outside of Deep Sleep mode.
2:
Reset value is ‘0’ for initial power-on POR only and ‘1’ for Deep Sleep POR.
3:
This is a status bit only; a DSBOR event will NOT cause a wake-up from Deep Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com