Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 114Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 115Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 116Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 117Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 118Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 119Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 120Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 121Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 118
 2010 Microchip Technology Inc.
REGISTER 9-2:
DSWAKE: DEEP SLEEP WAKE-UP SOURCE REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0, HS
—
—
—
—
—
—
—DSINT0(1)
bit 15
bit 8
R/W-0, HS
U-0
U-0
R/W-0, HS
R/W-0, HS
R/W-0, HS
U-0
R/W-0, HS
DSFLT(1)
—
—DSWDT(1)
DSRTC(1)
DSMCLR(1)
—
DSPOR(2)
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 8
DSINT0: Interrupt-on-Change bit(1)
1
= External Interrupt 0 was asserted during Deep Sleep
0
= External Interrupt 0 was not asserted during Deep Sleep
bit 7
DSFLT: Deep Sleep Fault Detected bit(1)
1
= A Fault occurred during Deep Sleep and some Deep Sleep configuration settings may have been
corrupted
0
= No Fault was detected during Deep Sleep
bit 6-5
Unimplemented: Read as ‘0’
bit 4
DSWDT: Deep Sleep Watchdog Timer Time-out bit(1)
1
= The Deep Sleep Watchdog Timer timed out during Deep Sleep
0
= The Deep Sleep Watchdog Timer did not time out during Deep Sleep
bit 3
DSRTC: Real-Time Clock and Calendar Alarm bit(1)
1
= The Real-Time Clock and Calendar triggered an alarm during Deep Sleep
0
= The Real-Time Clock and Calendar did not trigger an alarm during Deep Sleep
bit 2
DSMCLR: Deep Sleep MCLR Event bit(1)
1
= The MCLR pin was asserted during Deep Sleep
0
= The MCLR pin was not asserted during Deep Sleep
bit 1
Unimplemented: Read as ‘0’
bit 0
DSPOR: Power-on Reset Event bit(2)
1
= The VDD supply POR circuit was active and a POR event was detected
0
= The VDD supply POR circuit was not active, or was active, but did not detect a POR event
Note 1:
This bit can only be set while the device is in Deep Sleep mode.
2:
This bit can be set outside of Deep Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com