Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 120Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 121Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 122Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 123Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 124Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 125Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 126Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 127Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 124
 2010 Microchip Technology Inc.
10.4.3
CONTROLLING PERIPHERAL PIN
SELECT
Peripheral Pin Select features are controlled through
two sets of Special Function Registers: one to map
peripheral inputs and one to map outputs. Because
they are separately controlled, a particular peripheral’s
input and output (if the peripheral has both) can be
placed on any selectable function pin without
constraint.
The
association
of
a
peripheral
to
a
peripheral-selectable pin is handled in two different
ways, depending on if an input or an output is being
mapped.
10.4.3.1
Input Mapping
The inputs of the Peripheral Pin Select options are
mapped on the basis of the peripheral; that is, a control
register associated with a peripheral dictates the pin it
will be mapped to. The RPINRx registers are used to
configure peripheral input mapping (see Register 10-1
through Register 10-14). Each register contains up to
two sets of 5-bit fields, with each set associated with
one of the pin-selectable peripherals. Programming a
given peripheral’s bit field with an appropriate 6-bit
value maps the RPn pin with that value to that
peripheral. For any given device, the valid range of
values for any of the bit fields corresponds to the
maximum number of Peripheral Pin Select options
supported by the device.
TABLE 10-2:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
Input Name
Function Name
Register
Function Mapping
Bits
External Interrupt 1
INT1
RPINR0
INT1R<5:0>
External Interrupt 2
INT2
RPINR1
INT2R<5:0>
Input Capture 1
IC1
RPINR7
IC1R<5:0>
Input Capture 2
IC2
RPINR7
IC2R<5:0>
Input Capture 3
IC3
RPINR8
IC3R<5:0>
Input Capture 4
IC4
RPINR8
IC4R<5:0>
Input Capture 5
IC5
RPINR9
IC5R<5:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<5:0>
Output Compare Fault B
OCFB
RPINR11
OCFBR<5:0>
SPI1 Clock Input
SCK1IN
RPINR20
SCK1R<5:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<5:0>
SPI1 Slave Select Input
SS1IN
RPINR21
SS1R<5:0>
SPI2 Clock Input
SCK2IN
RPINR22
SCK2R<5:0>
SPI2 Data Input
SDI2
RPINR22
SDI2R<5:0>
SPI2 Slave Select Input
SS2IN
RPINR23
SS2R<5:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<5:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<5:0>
Timer4 External Clock
T4CK
RPINR4
T4CKR<5:0>
Timer5 External Clock
T5CK
RPINR4
T5CKR<5:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<5:0>
UART1 Receive
U1RX
RPINR18
U1RXR<5:0>
UART2 Clear To Send
U2CTS
RPINR19
U2CTSR<5:0>
UART2 Receive
U2RX
RPINR19
U2RXR<5:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com