Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 121Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 122Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 123Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 124Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 125Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 126Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 127Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 128Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 125
PIC24FJ64GA104 FAMILY
10.4.3.2
Output Mapping
In contrast to inputs, the outputs of the Peripheral Pin
Select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Each register contains up to two 5-bit fields, with each
field being associated with one RPn pin (see
Register 10-15 through Register 10-27). The value of
the bit field corresponds to one of the peripherals and
that peripheral’s output is mapped to the pin (see
Table 10-3).
Because of the mapping technique, the list of peripherals
for output mapping also includes a null value of ‘000000’.
This permits any given pin to remain disconnected from
the output of any of the pin-selectable peripherals.
TABLE 10-3:
SELECTABLE OUTPUT SOURCES (MAPS FUNCTION TO OUTPUT)
Output Function Number(1)
Function
Output Name
0
NULL(2)
Null
1
C1OUT
Comparator 1 Output
2
C2OUT
Comparator 2 Output
3
U1TX
UART1 Transmit
4U1RTS(3)
UART1 Request To Send
5
U2TX
UART2 Transmit
6U2RTS(3)
UART2 Request To Send
7
SDO1
SPI1 Data Output
8
SCK1OUT
SPI1 Clock Output
9
SS1OUT
SPI1 Slave Select Output
10
SDO2
SPI2 Data Output
11
SCK2OUT
SPI2 Clock Output
12
SS2OUT
SPI2 Slave Select Output
18
OC1
Output Compare 1
19
OC2
Output Compare 2
20
OC3
Output Compare 3
21
OC4
Output Compare 4
22
OC5
Output Compare 5
23-28
(unused)
NC
29
CTPLS
CTMU Output Pulse
30
C3OUT
Comparator 3 Output
31
(unused)
NC
Note 1:
Setting the RPORx register with the listed value assigns that output function to the associated RPn pin.
2:
The NULL function is assigned to all RPn outputs at device Reset and disables the RPn output function.
3:
IrDA® BCLK functionality uses this output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com