Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR6225L-XX-AF5-F-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UR6225L-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AF5-F-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UR6225L-XX-AF5-F-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 10Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 11Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 12Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 13Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 14Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 15Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 16
www.unisonic.com.tw
QW-R502-030,R
TYPICAL CHARACTERISTIC
(1) OUTPUT VOLTAGE VS. OUTPUT CURRENT
040
5.0
UR6225-5.0V
60
20
80
4.7
5.1
4.9
Outpout Current, IOUT(mA)
4.8
180
100 120 140 160
CI=1μF(tantalum),
CL=1μF(tantalum)
VIN=6V
TOPR=25°С
040
3.4
UR6225-3.3V
60
20
80
3.1
3.5
3.3
3.2
180
100 120 140 160
Outpout Current, IOUT(mA)
CI=1μF(tantalum),
CL=1μF(tantalum)
VIN=4.3V
TOPR=25°С
(2) OUTPUT VOLTAGE VS. INPUT VOLTAGE
UR6225-5.0V
UR6225-5.0V
4.7
5.1
4.6
5.7
5.1
6
4.7
5.2
4.9
4.8
10
79
5.0
4.8
5.0
8
Input Voltage, VIN(V)
Input Voltage, VIN(V)
CI=1μF(tantalum),
CL=1μ F(tantalum)
TOPR=25°С
4.5
4.9
5.3
5.9
5.5
IOUT=40mA
IOUT=10mA
IOUT=1mA
CI=1μF(tantalum),
CL=1μF(tantalum)
4.4
4.5
4.7
4.9
TOPR=25°С
IOUT=40mA
IOUT=10mA
IOUT=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com