Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF45K22-E/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC18LF45K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF45K22-E/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC18LF45K22-E/ML Datasheet HTML 39Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 40Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 41Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 42Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 43Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 44Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 45Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 46Page - Microchip Technology PIC18LF45K22-E/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 43
PIC18(L)F2X/4XK22
2.10.2
TWO-SPEED START-UP
SEQUENCE
1.
Wake-up from Power-on Reset or Sleep.
2.
Instructions begin executing by the internal
oscillator at the frequency set in the IRCF<2:0>
bits of the OSCCON register.
3.
OST enabled to count 1024 external clock
cycles.
4.
OST timed out. External clock is ready.
5.
OSTS is set.
6.
Clock switch finishes according to Figure 2-9
2.10.3
CHECKING TWO-SPEED CLOCK
STATUS
Checking the state of the OSTS bit of the OSCCON
register will confirm if the microcontroller is running
from the external clock source, as defined by the
FOSC<2:0> bits in CONFIG1H Configuration register,
or the internal oscillator. OSTS = 0 when the external
oscillator is not ready, which indicates that the system
is running from the internal oscillator.
FIGURE 2-9:
CLOCK SWITCH TIMING
Old Clock
New Clock
IRCF <2:0>
System Clock
Start-up Time(1)
Clock Sync
Running
High Speed
Low Speed
Select Old
Select New
New Clk Ready
Low Speed
High Speed
Old Clock
New Clock
IRCF <2:0>
System Clock
Start-up Time(1)
Clock Sync
Running
Select Old
Select New
New Clk Ready
Note 1: Start-up time includes TOST (1024 TOSC) for external clocks, plus TPLL (approx. 2 ms) for HSPLL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com