Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8711 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.4 April 2007
29
MASTER AND SLAVE MODE OPERATION
The WM8711/L can be configured as either a master or slave mode device. As a master mode device
the WM8711/L controls sequencing of the data and clocks on the digital audio interface. As a slave
device the WM8711/L responds with data to the clocks it receives over the digital audio interface. The
mode is set with the MS bit of the control register as shown in Table 10.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000111
Digital Audio Interface
Format
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
Table 10 Programming Master/Slave Modes
As a master mode device the WM8711/L controls the sequencing of data transfer (DACDAT) and
output of clocks (BCLK, DACLRC) over the digital audio interface. It uses the timing generated from
the MCLK input as the reference for the clock and data transitions. This is illustrated in Figure 18.
DACDAT is always an input to the WM8711/L independent of master or slave mode.
BCLK
DACDAT
DACLRC
WM8711
DAC
DSP
DECODER
Figure 18 Master Mode
As a slave device the WM8711/L sequences the data transfer (DACDAT) over the digital audio
interface in response to the external applied clocks (BCLK, DACLRC). This is illustrated in Figure 19.
BCLK
DACDAT
DACLRC
WM8711
DAC
DSP
DECODER
Figure 19 Slave Mode
Note that the WM8711/L relies on controlled phase relationships between audio interface BCLK,
DACLRC and the master MCLK or CLKOUT. To avoid any timing hazards, refer to the timing section
for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com