Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF512 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST25WF512
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF512 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST25WF512 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF512 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
13
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 8 for the
Byte-Program sequence.
FIGURE 8: Byte-Program Sequence
1328 F08.0
CE#
SO
SI
SCK
ADD.
012
34
5
6
7
8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MSB
LSB
MODE 3
MODE 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com