Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3535 Datasheet HTML 12Page - National Semiconductor (TI) LM3535 Datasheet HTML 13Page - National Semiconductor (TI) LM3535 Datasheet HTML 14Page - National Semiconductor (TI) LM3535 Datasheet HTML 15Page - National Semiconductor (TI) LM3535 Datasheet HTML 16Page - National Semiconductor (TI) LM3535 Datasheet HTML 17Page - National Semiconductor (TI) LM3535 Datasheet HTML 18Page - National Semiconductor (TI) LM3535 Datasheet HTML 19Page - National Semiconductor (TI) LM3535 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
30082417
FIGURE 9. ALS Control / Silicon Revision Register
Description
Internal Hex Address: 0x50
Rev0-Rev1 : Stores the Silicon Revision value. LM3535 =
'11', LM3535-2ALS = '00'
AVE2-AVE0: Sets Averaging Time for ALS sampling.
Need two to three Averaging periods to make transition
decision.‘000’ = 25ms, ‘001’ = 50ms, ‘010’ = 100ms, ‘011’
= 200ms, ‘100’ = 400ms, ‘101’ = 800ms, ‘110’ = 1.6s, ‘111’
= 3.2s
30082466
ALS Resistor Control Register Description
Internal Hex Address: 0x51
FIGURE 10.
R3A-R0A are valid on both the LM3535 and
LM3535-2ALS.
R3B-R0B are only valid on LM3535-2ALS.
R0-R3: Sets the internal ALS resistor value
Internal ALS Resistor Table
R3x
R2x
R1x
R0x
ALSA
Resistor
Value (
Ω)
ALSB
Resistor
Value (
Ω)
0
0
0
0
High Impedance
0
0
0
1
13.6k
13.65k
0
0
1
0
9.08k
9.13k
0
0
1
1
5.47k
5.52k
0
1
0
0
2.32k
2.37k
0
1
0
1
1.99k
2.05k
0
1
1
0
1.86k
1.92k
0
1
1
1
1.65k
1.70k
1
0
0
0
1.18k
1.24k
1
0
0
1
1.10k
1.15k
1
0
1
0
1.06k
1.11k
1
0
1
1
986
1.04
1
1
0
0
804
858
1
1
0
1
764
818
1
1
1
0
745
799
1
1
1
1
711
765
30082465
ALS Select Register (2-ALS Version Only)
Internal Hex Address: 0x52
FIGURE 11.
CP-EN: Forces the LM3535 to operate in the gain of 1.5x
exclusively when the Dx current sinks are enabled.
PASS-EN: Forces the LM3535 to operate in the 1x Pass-
Mode exclusively when the Dx current sinks are enabled.
CP-EN
PASS-EN
RESULT
0
0
Normal Operation
0
1
Pass-Mode Only
1
0
1.5x Gain Only
1
1
1.5x Gain Only
SEL1-SEL0: ALS Selection Bits. SEL1 and SEL0
determine how the ALS sensor information is processed.
'00' = Min. of ALSA and ALSB used, '01' = ALSA used and
ALSB ignored (DEFAULT), '10' = ALSB Used and ALSA
ignored, '11' = Max. of ALSA and ALSB used.
30082415
FIGURE 12. Zone Boundary Register Descriptions
ZB7-ZB0: Sets Zone Boundary Lines with a Falling ALS
voltage.
0xFF w/ ALS Falling = 992.3mV (typ.).
V
TRIP-LOW (typ) = [Boundary Code × 3.874mV] + 4.45mV
For boundary codes 2 to 255. Code 0 and Code1 are
mapped to equal the Code2 value.
Each zone line has approx. 5.5mV of hysteresis between
the falling and rising ALS trip points..
Zone Boundary 0 is the line between ALS Zone 0 and Zone
1. Default Code = 0x33 or approx. 200mV
Zone Boundary 1 is the line between ALS Zone 1 and Zone
2. Default Code = 0x66 or approx. 400mV
Zone Boundary 2 is the line between ALS Zone 2 and Zone
3. Default Code = 0x99 or approx. 600mV
Zone Boundary 3 is the line between ALS Zone 3 and Zone
4. Default Code = 0xCC or approx. 800mV
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com