Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B78148S Datasheet(PDF) 2 Page - EPCOS

Part # B78148S
Description  Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148S Datasheet(HTML) 2 Page - EPCOS

  B78148S Datasheet HTML 1Page - EPCOS B78148S Datasheet HTML 2Page - EPCOS B78148S Datasheet HTML 3Page - EPCOS B78148S Datasheet HTML 4Page - EPCOS B78148S Datasheet HTML 5Page - EPCOS B78148S Datasheet HTML 6Page - EPCOS B78148S Datasheet HTML 7Page - EPCOS B78148S Datasheet HTML 8Page - EPCOS B78148S Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
BC chokes (Bobbin Core)
Rated inductance 1
NH to 4700 NH
Rated current 55 mA to 1200 mA
Construction
■
Ferrite drum core
■
Winding: enamel copper wire
■
Flame-retardant lacquer coating
Features
■
Wide inductance range
■
Suitable for general-purpose application
■
Special versions available
■
Suitable for wave soldering
■
RoHS-compatible
Applications
■
RF blocking and filtering
■
Decoupling and interference suppression
■
For antenna systems, automotive electronics,
energy-saving lamps, entertainment electronics
Terminals
■
Central axial leads (B78108S)
■
Radially bent to 5 mm lead spacing (B78148S)
■
Base material Cu
■
Hot-dipped with pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing units
■
Taped, Ammo and reel packing
■
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
2500
5000
Radial
2500
2000
B78108S
B78148S
B78108S, B78148S
RF chokes
BC series, 4
s 9.2 (mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com