Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8451QR1 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8451QR1
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451QR1 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8451QR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8451QR1 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Sensors
Freescale Semiconductor
21
MMA8451Q
6
Register Descriptions
Table 11. Register Address Map
Name
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
FMODE = 0
F_READ = 0
FMODE > 0
F_READ = 0
FMODE = 0
F_READ = 1
FMODE > 0
F_READ = 1
STATUS/F_STATUS(1)(2)
R
0x00
0x01
00000000
0x00
FMODE = 0, real time status
FMODE > 0, FIFO status
OUT_X_MSB(1)(2)
R
0x01
0x02
0x01
0x03
0x01
Output
—
[7:0] are 8 MSBs
of 14-bit sample.
Root pointer to
XYZ FIFO data.
OUT_X_LSB(1)(2)
R
0x02
0x03
0x00
Output
—
[7:2] are 6 LSBs of 14-bit real-time
sample
OUT_Y_MSB(1)(2)
R
0x03
0x04
0x05
0x00
Output
—
[7:0] are 8 MSBs of 14-bit real-time
sample
OUT_Y_LSB(1)(2)
R
0x04
0x05
0x00
Output
—
[7:2] are 6 LSBs of 14-bit real-time
sample
OUT_Z_MSB(1)(2)
R
0x05
0x06
0x00
Output
—
[7:0] are 8 MSBs of 14-bit real-time
sample
OUT_Z_LSB(1)(2)
R
0x06
0x00
Output
—
[7:2] are 6 LSBs of 14-bit real-time
sample
Reserved
R
0x07
————
—
—
Reserved. Read return 0x00.
Reserved
R
0x08
————
—
—
Reserved. Read return 0x00.
F_SETUP(1)(3)
R/W
0x09
0x0A
00000000
0x00
FIFO set-up
TRIG_CFG(1)(4)
R/W
0x0A
0x0B
00000000
0x00
Map of FIFO data capture events
SYSMOD(1)(2)
R
0x0B
0x0C
00000000
0x00
Current System Mode
INT_SOURCE(1)(2)
R
0x0C
0x0D
00000000
0x00
Interrupt status
WHO_AM_I(1)
R
0x0D
0x0E
00011010
0x1A
Device ID (0x1A)
XYZ_DATA_CFG(1)(4)
R/W
0x0E
0x0F
00000000
0x00
Dynamic Range Settings
HP_FILTER_CUTOFF(1)(4)
R/W
0x0F
0x10
00000000
0x00
Cut-off frequency is set to 16 Hz @
800 Hz
PL_STATUS(1)(2)
R
0x10
0x11
00000000
0x00
Landscape/Portrait orientation
status
PL_CFG(1)(4)
R/W
0x11
0x12
10000000
0x80
Landscape/Portrait configuration.
PL_COUNT(1)(3)
R/W
0x12
0x13
00000000
0x00
Landscape/Portrait debounce
counter
PL_BF_ZCOMP(1)(4)
R/W
0x13
0x14
01000100
0x44
Back/Front, Z-Lock Trip threshold
P_L_THS_REG(1)(4)
R/W
0x14
0x15
10000100
0x84
Portrait to Landscape Trip Angle is
29°
FF_MT_CFG(1)(4)
R/W
0x15
0x16
00000000
0x00
Freefall/Motion functional block
configuration
FF_MT_SRC(1)(2)
R
0x16
0x17
00000000
0x00
Freefall/Motion event source
register
FF_MT_THS(1)(3)
R/W
0x17
0x18
00000000
0x00
Freefall/Motion threshold register
FF_MT_COUNT(1)(3)
R/W
0x18
0x19
00000000
0x00
Freefall/Motion debounce counter
Reserved
R
0x19
————
—
—
Reserved. Read return 0x00.
Reserved
R
0x1A
————
—
—
Reserved. Read return 0x00.
Reserved
R
0x1B
————
—
—
Reserved. Read return 0x00.
Reserved
R
0x1C
————
—
—
Reserved. Read return 0x00.
TRANSIENT_CFG(1)(4)
R/W
0x1D
0x1E
00000000
0x00
Transient functional block
configuration
TRANSIENT_SRC(1)(2)
R
0x1E
0x1F
00000000
0x00
Transient event status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com