Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/PT Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F23K22-I/PT
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/PT Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F23K22-I/PT Datasheet HTML 35Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 36Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 37Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 38Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 39Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 40Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 41Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 42Page - Microchip Technology PIC18F23K22-I/PT Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 39
PIC18(L)F2X/4XK22
2.6
PLL Frequency Multiplier
A Phase Locked Loop (PLL) circuit is provided as an
option for users who wish to use a lower frequency
oscillator circuit or to clock the device up to its highest
rated frequency from the crystal oscillator. This may be
useful for customers who are concerned with EMI due
to high-frequency crystals or users who require higher
clock speeds from an internal oscillator.
2.6.1
PLL IN EXTERNAL OSCILLATOR
MODES
The PLL can be enabled for any of the external
oscillator modes using the OSC1/OSC2 pins by either
setting the PLLCFG bit (CONFIG1H<4>), or setting the
PLLEN bit (OSCTUNE<6>). The PLL is designed for
input frequencies of 4 MHz up to 16 MHz. The PLL then
multiplies the oscillator output frequency by 4 to
produce an internal clock frequency up to 64 MHz.
Oscillator frequencies below 4 MHz should not be used
with the PLL.
2.6.2
PLL IN HFINTOSC MODES
The 4x frequency multiplier can be used with the
internal oscillator block to produce faster device clock
speeds than are normally possible with the internal
oscillator. When enabled, the PLL multiplies the
HFINTOSC by 4 to produce clock rates up to 64 MHz.
Unlike external clock modes, the PLL can only be
controlled through software. The PLLEN control bit of
the OSCTUNE register is used to enable or disable the
PLL operation when the HFINTOSC is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com