Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SO Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18F23K22-I/SO
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SO Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18F23K22-I/SO Datasheet HTML 65Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 66Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 67Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 68Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 69Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 70Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 71Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 72Page - Microchip Technology PIC18F23K22-I/SO Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 69
PIC18(L)F2X/4XK22
5.0
MEMORY ORGANIZATION
There are three types of memory in PIC18 Enhanced
microcontroller devices:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate buses; this allows for
concurrent access of the two memory spaces. The data
EEPROM, for practical purposes, can be regarded as
a peripheral device, since it is addressed and accessed
through a set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 6.0
“Flash Program Memory”. Data EEPROM is
discussed separately in Section 7.0 “Data EEPROM
Memory”.
5.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
program memory space. Accessing a location between
the upper boundary of the physically implemented
memory and the 2-Mbyte address will return all ‘0’s (a
NOP instruction).
This family of devices contain the following:
• PIC18(L)F23K22, PIC18(L)F43K22: 8 Kbytes of
Flash Memory, up to 4,096 single-word instructions
• PIC18(L)F24K22, PIC18(L)F44K22: 16 Kbytes of
Flash Memory, up to 8,192 single-word instructions
• PIC18(L)F25K22, PIC18(L)F45K22: 32 Kbytes of
Flash Memory, up to 16,384 single-word instruc-
tions
• PIC18(L)F26K22, PIC18(L)F46K22: 64 Kbytes of
Flash Memory, up to 37,768 single-word
instructions
PIC18 devices have two interrupt vectors. The Reset
vector address is at 0000h and the interrupt vector
addresses are at 0008h and 0018h.
The program memory map for PIC18(L)F2X/4XK22
devices is shown in Figure 5-1. Memory block details
are shown in Figure 20-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com