Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 273Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 274Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 275Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 276Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 277Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 278Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 279Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 280Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 277
PIC18(L)F2X/4XK22
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
300
——
—
—
—
—
—
—
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
——
—
—
—
—
9600
—
—
—
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
—
—
—
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
207
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
57.97k
0.64
68
57.60k
0.00
19
58.82k
2.12
16
57.60k
0.00
11
115.2k
114.29k
-0.79
34
115.2k
0.00
9
111.1k
-3.55
8
115.2k
0.00
5
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
Actual
Rate
%
Error
SxBRGx
value
(decimal)
Actual
Rate
%
Error
SPBRGx
value
(decimal)
300
——
—
—
—
—
—
—
—
300
0.16
207
1200
—
—
—
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19231
0.16
25
19.23k
0.16
12
19.2k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx
:SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
300
300.0
0.00
13332
300.0
0.00
3839
300.03
0.01
3332
300.0
0.00
2303
1200
1200.1
0.01
3332
1200
0.00
959
1200.5
0.04
832
1200
0.00
575
2400
2399
-0.02
1666
2400
0.00
479
2398
-0.08
416
2400
0.00
287
9600
9592
-0.08
416
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
383
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
207
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
57.97k
0.64
68
57.60k
0.00
19
58.82k
2.12
16
57.60k
0.00
11
115.2k
114.29k
-0.79
34
115.2k
0.00
9
111.11k
-3.55
8
115.2k
0.00
5
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com