Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 274Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 275Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 276Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 277Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 278Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 279Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 280Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 281Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 278
Preliminary
 2010 Microchip Technology Inc.
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx
:SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
300
299.9
-0.02
1666
300.1
0.04
832
300.0
0.00
767
300.5
0.16
207
1200
1199
-0.08
416
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19.23k
0.16
25
19.23k
0.16
12
19.20k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx
:SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
300
300
0.00
53332
300.0
0.00
15359
300.0
0.00
13332
300.0
0.00
9215
1200
1200
0.00
13332
1200
0.00
3839
1200.1
0.01
3332
1200
0.00
2303
2400
2400
0.00
6666
2400
0.00
1919
2399.5
-0.02
1666
2400
0.00
1151
9600
9598.1
-0.02
1666
9600
0.00
479
9592
-0.08
416
9600
0.00
287
10417
10417
0.00
1535
10425
0.08
441
10417
0.00
383
10433
0.16
264
19.2k
19.21k
0.04
832
19.20k
0.00
239
19.23k
0.16
207
19.20k
0.00
143
57.6k
57.55k
-0.08
277
57.60k
0.00
79
57.97k
0.64
68
57.60k
0.00
47
115.2k
115.11k
-0.08
138
115.2k
0.00
39
114.29k
-0.79
34
115.2k
0.00
23
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx
:SPBRGx
(decimal)
Actual
Rate
%
Error
SPBRGHx:
SPBRGx
(decimal)
300
300.0
0.00
6666
300.0
0.01
3332
300.0
0.00
3071
300.1
0.04
832
1200
1200
-0.02
1666
1200
0.04
832
1200
0.00
767
1202
0.16
207
2400
2401
0.04
832
2398
0.08
416
2400
0.00
383
2404
0.16
103
9600
9615
0.16
207
9615
0.16
103
9600
0.00
95
9615
0.16
25
10417
10417
0.00
191
10417
0.00
95
10473
0.53
87
10417
0.00
23
19.2k
19.23k
0.16
103
19.23k
0.16
51
19.20k
0.00
47
19.23k
0.16
12
57.6k
57.14k
-0.79
34
58.82k
2.12
16
57.60k
0.00
15
—
—
—
115.2k
117.6k
2.12
16
111.1k
-3.55
8
115.2k
0.00
7
—
—
—
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com