Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 288 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 288 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 284Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 285Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 286Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 287Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 288Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 289Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 290Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 291Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 288
Preliminary
 2010 Microchip Technology Inc.
16.4.2
SYNCHRONOUS SLAVE MODE
The following bits are used to configure the EUSART
for Synchronous slave operation:
• SYNC = 1
• CSRC = 0
• SREN = 0 (for transmit); SREN = 1 (for receive)
• CREN = 0 (for transmit); CREN = 1 (for receive)
• SPEN = 1
Setting the SYNC bit of the TXSTAx register configures
the device for synchronous operation. Clearing the
CSRC bit of the TXSTAx register configures the device as
a slave. Clearing the SREN and CREN bits of the
RCSTAx register ensures that the device is in the
Transmit mode, otherwise the device will be configured to
receive. Setting the SPEN bit of the RCSTAx register
enables the EUSART. If the RXx/DTx or TXx/CKx pins
are shared with an analog peripheral the analog I/O
functions must be disabled by clearing the corresponding
ANSEL bits.
RXx/DTx and TXx/CKx pin output drivers must be
disabled by setting the corresponding TRIS bits.
16.4.2.1
EUSART Synchronous Slave
Transmit
The operation of the Synchronous Master and Slave
modes
are
identical
(see
Section 16.4.1.3
“Synchronous Master Transmission”), except in the
case of the Sleep mode.
If two words are written to the TXREGx and then the
SLEEP instruction is executed, the following will occur:
1.
The first character will immediately transfer to
the TSR register and transmit.
2.
The second word will remain in TXREGx
register.
3.
The TXxIF bit will not be set.
4.
After the first character has been shifted out of
TSR, the TXREGx register will transfer the
second character to the TSR and the TXxIF bit
will now be set.
5.
If the PEIE/GIEL and TXxIE bits are set, the
interrupt will wake the device from Sleep and
execute the next instruction. If the GIE/GIEH bit
is also set, the program will call the Interrupt
Service Routine.
16.4.2.2
Synchronous Slave Transmission
Set-up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Clear the CREN and SREN bits.
4.
If using interrupts, ensure that the GIE/GIEH
and PEIE/GIEL bits of the INTCON register are
set and set the TXxIE bit.
5.
If 9-bit transmission is desired, set the TX9 bit.
6.
Enable transmission by setting the TXEN bit.
7.
If 9-bit transmission is selected, insert the Most
Significant bit into the TX9D bit.
8.
Start transmission by writing the
Least
Significant 8 bits to the TXREGx register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com