Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 292 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 292 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 288Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 289Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 290Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 291Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 292Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 293Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 294Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 295Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 292
Preliminary
 2010 Microchip Technology Inc.
17.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Results formatting
17.1.1
PORT CONFIGURATION
The ANSELx and TRISx registers configure the A/D
port pins. Any port pin needed as an analog input
should have its corresponding ANSx bit set to disable
the digital input buffer and TRISx bit set to disable the
digital output driver. If the TRISx bit is cleared, the
digital output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
ANSx bits and the TRIS bits.
17.1.2
CHANNEL SELECTION
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 17.2
“ADC Operation” for more information.
17.1.3
ADC VOLTAGE REFERENCE
The PVCFG<1:0> and NVCFG<1:0> bits of the
ADCON1 register provide independent control of the
positive and negative voltage references.
The positive voltage reference can be:
•VDD
• the fixed voltage reference (FVR BUF2)
• an external voltage source (VREF+)
The negative voltage reference can be:
•VSS
• an external voltage source (VREF-)
17.1.4
SELECTING AND CONFIGURING
ACQUISITION TIME
The ADCON2 register allows the user to select an
acquisition time that occurs each time the GO/DONE
bit is set.
Acquisition time is set with the ACQT<2:0> bits of the
ADCON2 register. Acquisition delays cover a range of
2 to 20 TAD. When the GO/DONE bit is set, the A/D
module continues to sample the input for the selected
acquisition
time,
then
automatically
begins
a
conversion. Since the acquisition time is programmed,
there is no need to wait for an acquisition time between
selecting a channel and setting the GO/DONE bit.
Manual
acquisition
is
selected
when
ACQT<2:0> = 000. When the GO/DONE bit is set,
sampling is stopped and a conversion begins. The user
is responsible for ensuring the required acquisition time
has passed between selecting the desired input
channel and setting the GO/DONE bit. This option is
also the default Reset state of the ACQT<2:0> bits and
is compatible with devices that do not offer
programmable acquisition times.
In either case, when the conversion is completed, the
GO/DONE bit is cleared, the ADIF flag is set and the
A/D begins sampling the currently selected channel
again. When an acquisition time is programmed, there
is no indication of when the acquisition time ends and
the conversion begins.
Note 1: When reading the PORT register, all pins
with their corresponding ANSx bit set
read as cleared (a low level). However,
analog conversion of pins configured as
digital inputs (ANSx bit cleared and
TRISx
bit
set) will be
accurately
converted.
2: Analog levels on any pin with the corre-
sponding ANSx bit cleared may cause the
digital input buffer to consume current out
of the device’s specification limits.
3: The
PBADEN
bit
in
Configuration
Register 3H configures PORTB pins to
reset as analog or digital pins by
controlling how the bits in ANSELB are
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com