| Electronic Components Datasheet Search |
|
PIC18F23K22-I/SP Datasheet(PDF) 305 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/SP Datasheet(HTML) 305 Page - Microchip Technology |
|
305 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 305 PIC18(L)F2X/4XK22 18.0 COMPARATOR MODULE Comparators are used to interface analog circuits to a digital circuit by comparing two analog voltages and providing a digital indication of their relative magnitudes. The comparators are very useful mixed signal building blocks because they provide analog functionality independent of the program execution. The analog comparator module includes the following features: • Independent comparator control • Programmable input selection • Comparator output is available internally/externally • Programmable output polarity • Interrupt-on-change • Wake-up from Sleep • Programmable Speed/Power optimization •PWM shutdown • Programmable and fixed voltage reference • Selectable Hysteresis 18.1 Comparator Overview A single comparator is shown in Figure 18-1 along with the relationship between the analog input levels and the digital output. When the analog voltage at VIN+ is less than the analog voltage at VIN-, the output of the comparator is a digital low level. When the analog voltage at VIN+ is greater than the analog voltage at VIN-, the output of the comparator is a digital high level. FIGURE 18-1: SINGLE COMPARATOR – + VIN+ VIN- Output Output VIN+ VIN- Note: The black areas of the output of the comparator represents the uncertainty due to input offsets and response time. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |