Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 306 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 306 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 302Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 303Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 304Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 305Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 306Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 307Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 308Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 309Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 306
Preliminary
 2010 Microchip Technology Inc.
FIGURE 18-2:
COMPARATOR C1/C2 SIMPLIFIED BLOCK DIAGRAM
Note 1:
When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate.
2:
Q1 and Q3 are phases of the four-phase system clock (FOSC).
3:
Q1 is held high during Sleep mode.
4:
Synchronized comparator output should not be used to gate Timer1 in conjunction with synchronized T1CKI.
Cx
CxPOL
to PWM Logic
0
1
2
3
CxON(1)
CxCH<1:0>
2
0
1
CxR
CM2CON1 (MCxOUT)
To Interrupts
CxVIN
-
CxVIN
+
C12IN0-
C12IN1-
C12IN2-
C12IN3-
CxIN+
DQ
EN
Q1(2),(3)
DQ
EN
CL
Read or Write
Reset
+
-
0
1
DAC
CXRSEL
FVR BUF1
CxSP
CXVREF
CxOE
C
xOUT
Timer1 Clock
DQ
SYNCC
xOUT
To CMxCON0 (CxOUT)
(CxIF)
of CMxCON0
Q3(2)
0
1
CxSYNC
C
x Output
TRIS bit
-
to SR Latch
-
to TxG MUX(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com