Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 334 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 334 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 330Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 331Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 332Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 333Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 334Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 335Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 336Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 337Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 334
Preliminary
 2010 Microchip Technology Inc.
FIGURE 20-1:
DIVSRCLK BLOCK DIAGRAM
FIGURE 20-2:
SR LATCH SIMPLIFIED BLOCK DIAGRAM
3
SRCLK<2:0>
Peripheral
Clock
DIVSRCLK
Programmable
SRCLK divider
1:4 to 1:512
Tosc
4-512 cycles
...
SRCLK<2:0> = "001"
1:8
t0+4
t0
t0+8
t0+12
SRPS
S
R
Q
Q
Note 1:
If R = 1 and S = 1 simultaneously, Q = 0, Q = 1
2:
Pulse generator causes a pulse width of 2 TOSC clock cycles.
3:
Name denotes the connection point at the comparator output.
Pulse
Gen(2)
SR
Latch(1)
SRQEN
SRSPE
SRSC2E
SRSCKE
DIVSRCLK
SYNCC2OUT(3)
SRSC1E
SYNCC1OUT(3)
SRPR
Pulse
Gen(2)
SRRPE
SRRC2E
SRRCKE
DIVSRCLK
SYNCC2OUT(3)
SRRC1E
SYNCC1OUT(3)
SRLEN
SRNQEN
SRLEN
SRQ
SRNQ
SRI
SRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com